PART |
Description |
Maker |
43650-0606 3650-0308 |
Multipole Connector; Body Material:LCP Liquid Crystal Polymer, Glass-filled 6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 3
|
Molex, Inc.
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
43640-0201 43640-0301 43640-0200 43640-0300 43640- |
MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS Multipole Connector; Gender:Male; No. of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1; Pitch Spacing:0.118" 7 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1; Pitch Spacing:0.118"
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
39-29-1168 39-29-5203 39-29-1028 39-29-1027 39-29- |
Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER, MINI-FIT R/A 2WAY 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 1X2 M RA SN .165"LS W/FLANGES 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:22; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Plating:Gold Header Connector,PCB Mnt,RECEPT,12 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:24; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Body Material:Multipole Connector; Connecting Termination:Through Hole; Current Rating:6A; Mounting Type:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
55917-3810 55917-1010 55917-1610 |
2.0 WtB Dual Conn Dip Plg Hsg Assy 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Multipole Connector; No. of Contacts:10; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes Multipole Connector; No. of Contacts:16; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
90059-0009 |
Multipole Connector; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Female; Series:90059; Body Material:Polyester, Glass-filled; Color:White; Connecting Termination:Crimp RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Molex, Inc.
|
15-28-6247 15-28-6106 15-24-6241 15-24-6106 |
HEADER,STRAIGHT,2X12POS,.165"X217"C 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-42440-1032 V-2 10Ckt Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Series:42440; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
26-61-4100 |
Multipole Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Connecting Termination:Thru-Hole; Contact Plating:Gold; Mounting Type:Through Hole
|
MOLEX INC
|
03-09-1042 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:1490R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Temp. Min:-40 C; Operating Voltage:250V; Pitch Spacing:2.36mm
|
MOLEX INC
|
39-29-0123 39-29-6208 39-31-0048 39-31-0107 39-31- |
Multipole Connector; Number of Contacts:12; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Gold 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:20; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:4; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:8; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:20; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER New Mini Fit Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-22B 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|